Part Number Hot Search : 
IRF78 12D05M1 2576T XP0100A Q67006 1E331 CTA17 OPF43014
Product Description
Full Text Search
 

To Download 1778830000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  44 cable glands
cable glands 45 cable glands we offer cable glands as a well balanced assortment for different applications. ? cable glands made from plastic and brass ? emc cable glands ? for hazardous areas in accordance with en 50014, en 50019 and atex ? vde, csa and ul approved cable entries, for example for enclosures or heavy duty connectors can be easily and reliably installed. din 40050 protection classes: ip 54 protection against dust accumu- lation as well as protection against water splash ip 65 protection against dust inflow as well as protection against hose water ip 66 protection against dust inflow as well as protection in the case of overflooding ip 68 protection against dust inflow as well as protection when submerg- ing ip 69 protection against water under pressure labelling of explosion protected electric equipment according to ?ld?ex approvals. name of type examination symbol for conformity to risk of abbreviation group of manufacturer designation certificate number electrical equipment european explosion of protection electrical or logo from of eu test site certified by standards classes used devices manufacturer eu test site certified 16 e ex e ii i t the european technical standard din en 50 262 metric cable glands for electric instal- lations - the end of the pg?able glands threads. ? the technical standards ?able glands for cables and conductors with pg standard threads?din 46320 (p1 - p4), din 46255, din 46259, din 46319 and din vde 0619 became invalid on the 31 december 1999. ? cable glands with pg threads are no longer standard. ? the design approvals granted in accor- dance with din vde 0619: 1987 ?09 remained valid until 31.3.2001. ? the european standard ?etric cable glands for electrical installations?en 50 262 became valid on 1.4.1999. ? the en standard en 50 262 is manda- tory in all member countries of the european union (eu) and associated countries collaborating with cenelec (european committee for electrotechnical standardization) who adopt the standard. ? that means that only metric cable glands are permitted to be used in new constructions as of 1.3.2001 in those countries described above.
cable glands 46 labeling of devices and protection systems according atex the following information must be clearly and permanently readable on every device and protection system: example: cable glands with metric connection thread with the taking of effect of european standard en 50 262 ?metric cable glands for electric installation ?the europe-wide intr oduction of the metric iso fine thread in cable glands took place on 01.01.2000. the en 60 423 standard lists the individual thread sizes. the previously-known thread sizes pg 7 to pg 48 (10 sizes) were repla ced by the metric sizes m 12 to m 63 (8 sizes). this catalogue contains a large selection of metric cable glands ex cables and cable entries for use in hazardous areas. name of type/size number of symbol of symbol of conformity to risk of abbreviation device manufacturer designation eu-type-examination protection device european explosion of applied group or from test certificate from group and standards type of logo manufacturer eu test site explosion category certified protection classes ii 2 g e ex e ii ia t
cable glands 47 cable glands a: inner sheath b: lead sheath c: armouring (steel strip / swa / braided) d: outer sheath 1: gland 2: sealing washer for inner cable sheath 3: clamping module / earthing of armouring 4: base 5: sealing washer for outer cable sheath 6: washers 7: union nut 1: gland 2: clamping module 3: sealing washer 4: union nut 1: gland 2: sealing washer 3: washer 4: union nut e: outer sheath non-armoured cable armoured cable cable glands for non-armoured cable cable glands for armoured cable cable glands criteria for the selection of cable glands type ade define the installation area, in which you want to use the glands define the cable types to determine the requested functions check the dimensions of the outer cable sheath check the size and type of reinforcement check the dimensions of the inner cable sheath check the dimensions of the lead sheath determine the environmental condition check the accessories installation instructions for endangered areas in accordance with the standards cenelec en 50014 - 50018 - 50019 increased safety to standard en 50019; direct thread insertion into the enclosure or with a lock nut. unused insertions have to be closed with a certified stopping plug. flame protected in accordance with en 50018; direct thread insertion into the enclosure with five full pitches (approx. 8 mm); unused insertion have to be closed with a certified stopping plug.
cable glands 48 plastic ip54 plastic ip68 reasonably priced cable glands ip 54 plastic cable glands ip68; vde, csa and ul tested; halogene-free. en 50262: metric technical data material: polyamide connection thread m polystyrene connection thread pg sealing: soft rubber temperature: -20? ... +60? protection class: ip54 (with thread sealing ring type gwdr ...-po = ip65) colour: similar grey ral 7035 technical data material: polyamide sealing: neoprene temperature: -40? ... +70? (peak +100?) protection class: ip68 / 5 bar in the stated clamping range with gwdr colour: similar grey ral 7035 ordering data type thread clamp range l l1 sw1/sw2 qty. cat. no. metric gland plastic ip54 vgm12-k54 m 12 x 1.5 6.0 - 8.0 32 11 19/16 50 1777080000 vgm16-k54 m 16 x 1.5 8.0 - 10.0 32 11 19/16 50 1777070000 vgm20-k54 m 20 x 1.5 8.0 - 10.0 35 11 22/19 50 1777050000 vgm25-k54 m 25 x 1.5 12.0 - 14.0 39 11 27/23 50 1777030000 vgm25-k54 m 25 x 1.5 15.0 - 17.0 39 11 27/23 50 1778830000 vgm32-k54 m 32 x 1.5 24.0 - 26.0 44.50 11 42/40 25 1777020000 vgm40-k54 m 40 x 1.5 28.0 - 30.0 44.50 11 42/40 25 1777010000 vgm50-k54 m 50 x 1.5 31.0 - 33.0 53 11 53/50 10 1776990000 vgm63-k54 m 63 x 1.5 45.0 - 47.0 58 11 65/60 10 1776980000 pg gland plastic ip54 vg 7-k54 pg 7 5.0 - 7.0 28 8 15/13 50 0521560000 vg 9-k54 pg 9 6.0 - 8.0 29 8 19/17 50 0261560000 vg 11-k54 pg 11 8.0 - 10.0 32 8 22/19 50 0260760000 vg 13.5-k54 pg 13.5 10.0 - 12.0 34 9 24/21 50 0260860000 vg 16-k54 pg 16 12.0 - 14.0 38 10 27/23 25 0261460000 vg 21-k54 pg 21 15.0 - 17.0 43.5 11 32/30 20 0260960000 vg 29-k54 pg 29 24.0 - 26.0 44.5 11 42/40 20 0261060000 vg 36-k54 pg 36 31.0 - 33.0 55 13 53/50 10 0497660000 vg 42-k54 pg 42 39.0 - 40.0 60 13 60/55 10 0497760000 vg 48-k54 pg 48 45.0 - 47.0 61 14 65/60 5 1718760000 all sizes in mm ordering data type thread clamp range l l1 sw qty. cat. no. metric gland plastic approval: vde vg m 12 - k 68 m 12 x 1.5 3.0 - 6.5 31 8 15 50 1772280000 vg m 16 - k 68 m 16 x 1.5 5.0 - 10.0 35 10 22 50 1772290000 vg m 20 - k 68 m 20 x 1.5 6.0 - 12.0 43 10 24 50 1772300000 vg m 25 - k 68 m 25 x 1.5 13.0 - 18.0 48 10 33 25 1772310000 vg m 32 - k 68 m 32 x 1.5 18.0 - 25.0 61 15 42 20 1772320000 vg m 40 - k 68 m 40 x 1.5 22.0 - 32.0 72 15 53 20 1772330000 vg m 50 - k 68 m 50 x 1.5 30.0 - 38.0 74 18 60 10 1772340000 vg m 63 - k 68 m 63 x 1.5 34.0 - 44.0 75 18 65 5 1772350000 pg gland plastic approval: vde/ul vg 7-k68 pg 7 3.0 - 6.5 30.5 8.0 15 50 1568970000 vg 9-k68 pg 9 4.0 - 8.0 34 8.0 19 50 1568980000 vg 11-k68 pg 11 5.0 - 10.0 37 8.0 22 50 1568990000 vg 13.5-k68 pg 13.5 6.0 - 12.0 39 9.0 24 50 1569000000 vg 16-k68 pg 16 10.0 - 14.0 42.5 10.0 27 25 1569010000 vg 21-k68 pg 21 13.0 - 18.0 48 11.0 33 20 1569020000 vg 29-k68 pg 29 18.0 - 25.0 53 11.0 42 20 1569030000 vg 36-k68 pg 36 22.0 - 32.0 65 13.0 53 10 1569040000 vg 42-k68 pg 42 30.0 - 38.0 68 13.0 60 10 1569050000 vg 48-k68 pg 48 34.0 - 44.0 69 14.0 65 5 1718770000 npt gland plastic approval: ul/csa vg npt 3/8" 5-10-k 68 npt 3/8" 5.0 - 10.0 42 15 22 50 1772520000 vg npt 1/2" 6-12-k 68 npt 1/2" 6.0 - 12.0 42 15 24 50 1772550000 vg npt 1/2" 10-14-k 68 npt 1/2" 10.0 - 14.0 45 15 27 25 1772560000 vg npt 3/4" 13-18-k 68 npt 3/4" 13.0 - 18.0 46 15 33 20 1772590000 vg npt 1" 18-25-k 68 npt 1" 18.0 - 25.0 60 18 42 20 1772600000 all sizes in mm l l1 l l1 thread thread a v
cable glands 49 cable glands cable glands brass ip54 ordering data type thread clamp range l l1 sw1/sw2 qty. cat. no. metric gland brass ip 54, hexagonal vgm12-ms54 m 12 x 1.5 5.0 - 7.0 21.50 6 14/13 100 1778410000 vgm12-ms54 m 12 x 1.5 6.0 - 8.0 22 6 17/15 100 1778400000 vgm16-ms54 m 16 x 1.5 8.0 - 10.0 26 6 20/18 100 1778390000 vgm20-ms54 m 20 x 1.5 8.0 - 10.0 26.50 6.50 22/18 50 1778380000 vgm20-ms54 m 20 x 1.5 10.0 - 12.0 26.50 6.50 22/20 50 1778370000 vgm25-ms54 m 25 x 1.5 12.0 - 14.0 27.50 7 27/22 50 1778360000 vgm25-ms54 m 25 x 1.5 15.0 - 17.0 29.50 7 30/28 50 1778350000 vgm32-ms54 m 32 x 1.5 24.0 - 26.0 33 8 40/38 25 1778340000 vgm40-ms54 m 40 x 1.5 28.0 - 30.0 33 8 43/37 25 1778330000 vgm50-ms54 m 50 x 1.5 31.0 - 33.0 39 9 55/47 10 1778320000 vgm50-ms54 m 50 x 1.5 39.0 - 41.0 43 9 57/54 5 1778310000 vgm63-ms54 m 63 x 1.5 45.0 - 47.0 45 10 68/60 5 1778300000 pg gland brass ip 54, hexagonal vg 7-ms54 pg 7 5.0 - 7.0 20.5 5 14/13 50 0521500000 vg 9-ms54 pg 9 6.0 - 8.0 22 6 17/15 50 0261500000 vg 11-ms54 pg 11 8.0 - 10.0 26 6 20/18 50 0260700000 vg 13.5-ms54 pg 13.5 10.0 - 12.0 26 6.5 22/20 50 0260800000 vg 16-ms54 pg 16 12.0 - 14.0 27 6.5 24/22 25 0261400000 vg 21-ms54 pg 21 15.0 - 17.0 29.5 7 30/28 20 0260900000 vg 29-ms54 pg 29 24.0 - 26.0 33 8 40/37 20 0261000000 vg 36-ms54 pg 36 33.0 - 35.0 39 9 50/47 10 0497600000 vg 42-ms54 pg 42 41.0 - 43.0 44 10 57/54 10 0497700000 vg 48-ms54 pg 48 45.0 - 47.0 45 10 64/60 5 1718780000 all sizes in mm ordering data type thread clamp range l l1 sw qty. cat. no. metric gland brass vg m 12 - ms 68 m 12 x 1.5 3.0 - 6.5 24 5 14 50 1772200000 vg m 16 - ms 68 m 16 x 1.5 5.5 - 10.0 28 5.5 17 50 1772210000 vg m 20 - ms 68 m 20 x 1.5 8.0 - 13.0 32 6 22 50 1772220000 vg m 25 - ms 68 m 25 x 1.5 11.0 - 18.0 35 7 30 20 1772230000 vg m 32 - ms 68 m 32 x 1.5 15.0 - 21.0 39 8 34 20 1772240000 vg m 40 - ms 68 m 40 x 1.5 19.0 - 27.0 53 8 44 10 1772250000 vg m 50 - ms 68 m 50 x 1.5 26.0 - 35.0 55 9 55 10 1772260000 vg m 63 - ms 68 m 63 x 1.5 34.0 - 45.0 58 10 66 5 1772270000 pg gland brass ip 68 vg 7-ms68 pg 7 3.0 - 6.5 23 5 14 50 1569060000 vg 9-ms68 pg 9 4.0 - 10.0 27 6 17 50 1569070000 vg 11-ms68 pg 11 5.0 - 10.0 28.5 6 20 50 1569080000 vg 13.5-ms68 pg 13.5 6.0 - 12.0 29.5 6.5 22 50 1569090000 vg 16-ms68 pg 16 10.0 - 14.0 29.5 6.5 24 25 1569100000 vg 21-ms68 pg 21 13.0 - 18.0 33.5 7 30 20 1569110000 vg 29-ms68 pg 29 18.0 - 25.0 37.5 8 40 20 1569120000 vg 36-ms68 pg 36 22.0 - 32.0 45 9 50 10 1569130000 vg 42-ms68 pg 42 30.0 - 38.0 47.5 10 57 10 1569140000 vg 48-ms68 pg 48 34.0 - 44.0 50.5 10 64 5 1718790000 npt gland brass vg npt 3/8" - ms 68npt 3/8" 4.0 - 8.0 36 15 17 50 1772370000 vg npt 1/2" - ms 68npt 1/2" 6.0 - 12.0 36 13 22 50 1772380000 vg npt 3/4" - ms 68npt 3/4" 13.0 - 18.0 39 13 30 20 1772390000 all sizes in mm cable glands brass ip68 technical data material: nickel plated brass sealing: soft rubber temperature: -20? ... +60? protection class: ip54 (with thread sealing ring type gwdr ...-po = ip65) technical data material: nickel plated brass sealing: neoprene temperature: -40? ... +70? (peak +100?) protection class: ip 68 / 5 bar with gwdr in the clamping area brass cable gland with hexagon threaded glands brass cable gland ip68 with strain relief. reduced clamping range on request. multiple seal insert on request. l l1 l l1 thread thread
cable glands 50 plastic cable glands with bending protection cable glands brass with bending protection cable gland with bending protection and internal strain relief.clamping profile made of hostaform c. cable gland with bending protection and internal strain relief. without external strain relief clamp. clamping profile made of hostaform c. technical data material: polyamide, glass fibre reinforced sealing: soft rubber temperature: -10?...+80? protection class: ip 65 colour: similar grey ral 7035 technical data material: nickel plated brass sealing: soft rubber temperature: -10?...+80? protection class: ip 65 ordering data type thread clamp range l l1 sw qty. cat. no. metric kv cable gland plastic bending protection vgm12-k65 bs m 12 x 1.5 6.0 - 8.0 40 11 19 50 1778750000 vgm16-k65 bs m 16 x 1.5 6.0 - 8.0 40 11 19 50 1778760000 vgm20-k65 bs m 20 x 1.5 8.0 - 10.0 45 11 22 50 1778770000 vgm20-k65 bs m 20 x 1.5 10.0 - 12.0 57 11 24 50 1778780000 vgm25-k65 bs m 25 x 1.5 12.0 - 14.0 51 11 27 50 1778790000 vgm25-k65 bs m 25 x 1.5 14.0 - 18.0 53 11 33 25 1778800000 vgm32-k65 bs m 32 x 1.5 18.0 - 24.0 60 11 42 25 1778810000 pg-kv plastic bending protection vg 7-k65 bs pg 7 4.0 - 6.0 36 8 15 50 1720400000 vg 9-k65 bs pg 9 6.0 - 8.0 37 8 19 50 1720410000 vg 11-k65 bs pg 11 8.0 - 10.0 42 8 22 50 1720420000 vg 13.5-k65 bs pg 13.5 10.0 - 12.0 45 9 24 50 1720430000 vg 16-k65 bs pg 16 12.0 - 14.0 50 10 27 25 1720440000 vg 21-k65 bs pg 21 14.0 - 18.0 53 11 32 20 1720450000 vg 29-k65 bs pg 29 18.0 - 24.0 60 11 42 20 1720460000 all sizes in mm ordering data type thread clamp range l l1 sw1/sw2 qty. cat. no. pg-kv cable gland brass bending protection vg 9-ms65 bs pg 9 6.0 - 8.0 35 6 19/15 50 1720340000 vg 11-ms65 bs pg 11 8.0 - 10.0 35 6 22/19 50 1720350000 vg 13.5-ms65 bs pg 13.5 10.0 - 12.0 36 6.5 24/20 50 1720360000 vg 16-ms65 bs pg 16 12.0 - 14.0 40 7 27/30 25 1720370000 vg 21-ms65 bs pg 21 14.0 - 18.0 44 7 32/34 20 1720380000 vg 29-ms65 bs pg 29 18.0 - 24.0 50 8 41/46 20 1720390000 all sizes in mm l l1 l l1 thread thread
cable glands 51 cable glands cable glands brass ip54 with gripping jaw cable glands brass for ex-areas with cantered strain relief for use in hazardous areas. these cable glands are tested for higher safety specifications with certified conformity to approvals lcie 97atex6005x. variant for emc applications are available. technical data material: nickel plated brass sealing: universal sealing ring neoprene temperature: -30? ... +90? protection class: ip54 (with thread sealing ring type gwdr ...-po = ip65) technical data material: nickel plated brass sealing: neoprene temperature: -20? ... +100? protection class: ip66 (with thread sealing ring type gwdr ...-np = ip68/20 bar) atex certification available ordering data type thread clamp range l l1 sw1/sw2 qty. cat. no. metric gland brass ip 54, hexagonal vg m12-ms54ze m 12 x 1.5 5.0 - 7.0 21.50 6 14 100 1778420000 vg m12-ms54ze m 12 x 1.5 4.0 - 9.5 22 6 17 100 1778430000 vg m16-ms54ze m 16 x 1.5 4.0 - 9.5 26 6 18 100 1778440000 vg m20-ms54ze m 20 x 1.5 6.0 - 11.5 26.50 6.50 22 50 1778450000 vg m20-ms54ze m 20 x 1.5 6.0 - 13.5 26.50 6.50 22 50 1778460000 vg m25-ms54ze m 25 x 1.5 6.0 - 15.5 27.50 7 30 50 1778470000 vg m25-ms54ze m 25 x 1.5 9.0 - 21.5 29.50 7 30 50 1778480000 vg m32-ms54ze m 32 x 1.5 17.0 - 29.5 33 8 39 25 1778490000 vgm40-ms54ze m 40 x 1.5 17.0 - 29.5 33 8 43 25 1778500000 vg m50-ms54ze m 50 x 1.5 23.0 - 36.5 39 9 55 10 1778510000 vg m50-ms54ze m 50 x 1.5 29.0 - 42.5 43 9 57 5 1778520000 vg m63-ms54ze m 63 x 1.5 35.0 - 46.5 45 10 68 5 1778530000 pg gland brass ip 54, hexagonal vg 7-ms54-ze pg 7 5.0 - 7.0 27 5 14/16 50 1718800000 vg 9-ms54-ze pg 9 4.0 - 11.0 30.5 6 17/19 50 1718810000 vg 11-ms54-ze pg 11 6.0 - 13.0 31.5 6 20/22 50 1718820000 vg 13.5-ms54-ze pg 13.5 6.0 - 13.0 32 6.5 22/24 50 1718830000 vg 16-ms54-ze pg 16 6.0 - 16.0 33 6.5 24/27 25 1718840000 vg 21-ms54-ze pg 21 9.0 - 20.0 38 7 30/34 20 1718850000 vg 29-ms54-ze pg 29 17.0 - 28.0 43 8 40/42 20 1718860000 vg 36-ms54-ze pg 36 23.0 - 34.0 49.5 9 50/52 10 1718870000 vg 42-ms54-ze pg 42 29.0 - 40.0 53.5 10 57/62 10 1718880000 vg 48-ms54-ze pg 48 35.0 - 46.0 55 10 64/68 5 1718890000 all sizes in mm ordering data type thread clamp range l l1 sw qty. cat. no. metric gland brass-kv for eex-e vg m 16-exe ms m 16 x 1.5 7.0 - 11.0 28 8 22 50 1737210000 vg m 20-exe ms m 20 x 1.5 8.5 - 13.0 28 8 24 50 1737220000 vg m 25-exe ms m 25 x 1.5 13.5 - 18.0 33 9 30 25 1737230000 vg m 32-exe ms m 32 x 1.5 17.5 - 25.0 38 10 41 20 1737240000 vg m 40-exe ms m 40 x 1.5 24.5 - 33.5 49 11 52 10 1737250000 vg m 50-exe ms m 50 x 1.5 33.0 - 43.0 54 12 63 5 1737260000 vg m 63-exe ms m 63 x 1.5 43.5 - 55.0 60 13 77 5 1737270000 pg gland brass-kv for eex-e vg 7-exe ms pg 7 4.0 - 8.0 24 7 18 50 1718990000 vg 9-exe ms pg 9 6.0 - 11.0 28 8 22 50 1719000000 vg 11-exe ms pg 11 7.5 - 13.0 28 8 24 50 1719010000 vg 13.5-exe ms pg 13.5 7.5 - 13.0 32 8 24 50 1719020000 vg 16-exe ms pg 16 12.5 - 18.0 33 9 30 25 1719030000 vg 21-exe ms pg 21 17.5 - 23.5 38 10 41 20 1719040000 vg 29-exe ms pg 29 24.5 - 31.5 49 11 52 20 1719050000 vg 36-exe ms pg 36 33.0 - 40.5 54 12 63 10 1719060000 vg 42-exe ms pg 42 33.0 - 43.0 54 12 63 10 1719070000 vg 48-exe ms pg 48 42.5 - 52.5 60 13 77 5 1719080000 npt brass kv for eex-e vg npt 1/2" eex-e ms npt 1/2" 8.5 - 13.0 36 16 24 50 1778160000 vg npt 3/4" eex-e ms npt 3/4" 13.5 - 18.0 40 16 30 25 1778150000 vg npt 1" eex-e ms npt 1" 17.5 - 25.0 48 20 41 1 1778140000 vg npt 1 1/4" eex-e ms npt 1 1/4" 24.5 - 33.5 58 20 52 1 1778130000 vg npt 1 1/2" eex-e ms npt 1 1/2" 24.5 - 33.5 58 20 52 1 1778120000 vg npt 2" eex-e ms npt 2" 33.0 - 43.0 62 20 63 1 1778110000 vg npt 2 1/2" eex-e ms npt 2 1/2" 43.5 - 55.0 75 28 77 1 1778090000 all sizes in mm l l1 thread l l1 thread t
cable glands 52 ordering data type thread clamp range l l1 sw qty. cat. no. metric plastic cable glands for eexe-areas vg m 16-exe sw m 16 x 1.5 5.0 - 8.0 34 12 19 50 1737280000 vg m 20-exe sw m 20 x 1.5 8.0 - 13.0 35 12 24 50 1737290000 vg m 25-exe sw m 25 x 1.5 13.0 - 19.0 42 13 32 25 1737300000 vg m 32-exe sw m 32 x 1.5 17.0 - 25.0 44 15 41 20 1737310000 vg m 40-exe sw m 40 x 1.5 24.0 - 32.0 50 15 52 10 1737320000 vg m 50-exe sw m 50 x 1.5 29.0 - 38.0 56 16 59 5 1737330000 vg m 63-exe sw m 63 x 1.5 36.0 - 44.0 58 16 65 5 1737340000 pg plastic cable glands for eexe-areas vg 7-exe sw pg 7 3.5 - 6.0 27 9 15 50 1569360000 vg 9-exe sw pg 9 5.0 - 8.0 31 9 19 50 1490500000 vg 11-exe sw pg 11 6.0 - 10.0 31 9 22 50 1490600000 vg 13.5-exe sw pg 13.5 8.0 - 13.0 33 10 24 50 1490700000 vg 16-exe sw pg 16 10.0 - 15.0 33 10 26 25 1490800000 vg 21-exe sw pg 21 13.0 - 19.0 40 11 32 20 1490900000 vg 29-exe sw pg 29 17.0 - 25.0 41 12 41 20 1491000000 vg 36-exe sw pg 36 24.0 - 32.0 49 14 52 10 1491100000 vg 42-exe sw pg 42 28.0 - 38.0 56 16 59 10 1491200000 vg 48-exe sw pg 48 34.0 - 44.0 60 16 65 5 1718970000 all sizes in mm technical data material: polyamide sealing: santoprene temperature: -40? ... +90? protection class: ip66 (with thread sealing ring) type gwdr ...-np = ip68/5 bar) atex available colour: similar black ral 9005 for use in hazardous areas (eex e ii). these cable glands are tested for higher safety specifications with certified conformity to approvals lcie 97atex6007x. the clamping profile serves as an internal strain relief. the sealing ring is constructed with a membrane against dust, which can be easily pierced. ordering data type thread clamp range l l1 sw qty. cat. no. pg plastic cable glands for eexi-areas vg m 16-exi bl m 16 x 1.5 5.0 - 8.0 34 12 19 50 1737350000 vg m 20-exi bl m 20 x 1.5 8.0 - 13.0 35 12 24 50 1737360000 vg m 25-exi bl m 25 x 1.5 13.0 - 19.0 42 13 32 25 1737370000 vg m 32-exi bl m 32 x 1.5 17.0 - 25.0 44 15 41 20 1737380000 vg m 40-exi bl m 40 x 1.5 24.0 - 32.0 50 15 52 10 1737390000 vg m 50-exi bl m 50 x 1.5 29.0 - 38.0 56 16 59 5 1737400000 vg m 63-exi bl m 63 x 1.5 36.0 - 44.0 58 16 67/65 5 1737410000 pg plastic cable glands for eexi-areas vg 7-exi bl pg 7 3.5 - 6.0 27 9 15 50 1569370000 vg 9-exi bl pg 9 5.0 - 8.0 31 9 19 50 1491300000 vg 11-exi bl pg 11 6.0 - 10.0 31 9 22 50 1491400000 vg 13.5-exi bl pg 13.5 8.0 - 13.0 33 10 24 50 1491500000 vg 16-exi bl pg 16 10.0 - 15.0 33 10 26 25 1491600000 vg 21-exi bl pg 21 13.0 - 19.0 40 11 32 20 1491700000 vg 29-exi bl pg 29 17.0 - 25.0 41 12 41 20 1491800000 vg 36-exi bl pg 36 24.0 - 32.0 49 14 52 10 1491900000 vg 42-exi bl pg 42 28.0 - 38.0 56 16 59 10 1492000000 vg 48-exi bl pg 48 34.0 - 44.0 60 16 65 5 1718980000 all sizes in mm technical data material: polyamide sealing: santoprene temperature: -40? ... +90? protection class: ip66 (with thread sealing ring) type gwdr ...-np = ip68/5 bar) atex granted colour: similar blue ral 5012 for use in explosion endangered areas (eex i). these cable glands are tested for higher safety specifications with certified conformity to approvals lcie 97atex6007x. the clamping profile is used as an internal strain relief. the sealing ring is con- structed with a membrane against dust, which can be easily pierced. plastic cable glands for eexe-areas plastic cable glands for eexi-areas t l l1 thread l l1 thread t
cable glands 53 cable glands plastic cable glands with strain relief spiral cap cable gland ade 1f cable gland specially for moveable connections.; approvals to vde and ul; halogen-free. reduced clamping range on request en 50262: metric for use in hazardous areas eex e ii, eex d iib, eex d ii c 2000 cm 3 these cable glands are certified in accordance with lcie 97atex6008x. technical data material: polyamide 6 sealing: neoprene temperature: -40?...+70? (peak 150?) protection class: ip 68 / 5 bar with gwdr colour: similar grey ral 7035 (on request 9005) technical data material: nickel plated brass (on request stainless steel) sealing: neoprene temperature: -40 ? - 100 ? protection class: ip 68 (10 bar) atex available ordering data type thread clamp range l l1 sw qty. cat. no. metric.plastic-kv with strain relief spiral cap vgm12-k68 sks m 12 x 1.5 3.0 - 6.5 66.5 8 15 100 1776700000 vgm16-k68 sks m 16 x 1.5 5.0 - 10.0 80 10 22 50 1776710000 vgm20-k68 sks m 20 x 1.5 6.0 - 12.0 106 11 24 50 1778860000 vgm20-k68 sks m 20 x 1.5 10.0 - 14.0 106 15 27 50 1776720000 vgm25-k68 sks m 25 x 1.5 13.0 - 18.0 129 15 33 25 1776730000 pg plastic cable glands with strain relief spiral cap vg 7-k68 sks pg 7 3.0 - 6.5 62 8 15 50 1720470000 vg 9-k68 sks pg 9 4.0 - 8.0 78 8 19 50 1720480000 vg 11-k68 sks pg 11 5.0 - 10.0 84 8 22 50 1720490000 vg 13.5-k68 sks pg 13.5 6.0 - 12.0 105 9 24 50 1720500000 vg 16-k68 sks pg 16 10.0 - 14.0 117 10 27 25 1720510000 vg 21-k68 sks pg 21 13.0 - 18.0 130 11 33 20 1720520000 all sizes in mm ordering data type thread protecting cap clamp range ll 1 sw1 sw2 qty. cat. no. metric cable glands vg ade 1/m 12 exe/d m 12 x 1.5 4 4 .0 - 8 .0 35 15 15 15 5 173669 0000 vg ade 1/m 16 exe/d m 16 x 1.5 5 6 .0 - 12 .0 37 15 19 19 5 173670 0000 vg ade 1/m 20 exe/d m 20 x 1.5 6 8.5 - 16 .0 40 15 24 24 2 173671 0000 vg ade 1/m 25 exe/d m 25 x 1.5 7 12 .0 - 20.5 42 15 30 30 2 173672 0000 vg ade 1/m 32 exe/d m 32 x 1.5 8 16 .0 - 27.5 49 15 41 41 2 173673 0000 vg ade 1/m 40 exe/d m 40 x 1.5 9 21 .0 - 34 .0 51 15 48 48 2 173674 0000 vg ade 1/m 50 exe/d m 50 x 1.5 10 27 .0 - 41 .0 55 16 55 55 1 173675 0000 vg ade 1/m 63 exe/d m 63 x 1.5 12 40 .0 - 56 .0 60 17 72 72 1 173676 0000 vg ade 1/m 75 exe/d m 75 x 1.5 13 47 .0 - 65 .0 67 18 85 85 1 173677 0000 vg ade 1/m 80 exe/d m 80 x 2 14 54 .0 - 73 .0 76 20 95 95 1 173678 0000 vg ade 1/m 90 exe/d m 90 x 2 15 63 .0 - 82 .0 83 22 110 110 1 173679 0000 vg ade 1/m 100 exe/d m 100 x 2 16 72 .0 - 92 .0 84 22 120 120 1 173680 0000 all sizes in mm t
cable glands 54 ade 4f emc cable glands for use in hazardous areas: eex e ii, eex d iib, eex d ii c 2000 cm 3 these cable glands are certified in accordance with lcie 97atex6008x. on request: silicone sealing ring, halogen-free, working temperature: -70 ? - +220 ?. high shielding factor up to 100 db. an endless lock washer is pressed against the cable armour by two conical rings; thus guaranteeing a reliable and safe contact. this ensures that the shield braiding is inserted into the enclosure. technical data material: nickel plated brass (on request stainless steel) sealing: neoprene temperature: -40 ? - 100 ? protection class: ip 68 (10 bar) atex available technical data material: nickel plated brass sealing: tpe-v /thermoplastic elastomer o-ring: perbunan temperature: -40? ... +135? (peak 150?) protection class: ip 68 ordering data type thread sealing cable armoured cable l l1 sw1 sw2 qty. cat. no. ring outside inside metric gland vg ade 4f/m 12 exe/d m 12 x 1.5 5 6.0 - 12.0 0 - 0.9 4.0 - 8.0 51 15 19 19 5 1736810000 vg ade 4f/m 16 exe/d m 16 x 1.5 6 8.5 - 16.0 0 - 1.25 6.0 - 12.0 57 15 24 24 5 1736820000 vg ade 4f/m 20 exe/d m 20 x 1.5 7 12.0 - 21.0 0 - 1.25 8.5 - 15.5 61 15 30 30 2 1736830000 vg ade 4f/m 25 exe/d m 25 x 1.5 8 16.0 - 27.5 0 - 1.6 12.0 - 20.5 71 15 41 41 2 1736840000 vg ade 4f/m 32 exe/d m 32 x 1.5 9 21.0 - 34.0 0 - 1.6 16.0 - 27.5 78 15 48 48 2 1736850000 vg ade 4f/m 40 exe/d m 40 x 1.5 10 27.0 - 41.0 0 - 2 21.0 - 34.0 83 15 55 55 2 1736860000 vg ade 4f/m 50 exe/d m 50 x 1.5 11 33.0 - 48.0 0 - 2.5 27.0 - 41.0 90 16 64 64 1 1736870000 vg ade 4f/m 63 exe/d m 63 x 1.5 13 47.0 - 65.0 0 - 2.5 40.0 - 56.0 102 17 85 85 1 1736880000 vg ade 4f/m 75 exe/d m 75 x 1.5 14 54.0 - 74.0 0 - 2.5 47.0 - 65.0 110 18 95 95 1 1736890000 vg ade 4f/m 80 exe/d m 80 x 2 15 63.0 - 83.0 0 - 3.15 54.0 - 73.0 124 20 110 110 1 1736900000 vg ade 4f/m 90 exe/d m 90 x 2 16 72.0 - 93.0 0 - 3.15 63.0 - 82.0 130 22 120 120 1 1736910000 all sizes in mm ordering data type thread clamp range armour- l sw qty. cat. no. metric cable glands brass vg emc m18x1.5 m 18x1.5 6.0 - 9.5 3.0 - 7.0 26.7 24 5 1706920000 vg emc m20x1.5 m 20x1.5 7.0 - 11.0 4.0 - 8.5 26.7 24 5 1706940000 vg emc m24x1.5 m 24x1.5 16.5 - 14.0 8.0 - 12.0 33.5 30 5 1706930000 vg emc m25x1.5 m 25x1.5 16.5 - 14.0 8.0 - 12.0 33.5 30 5 1706950000 pg cable gland brass vg emc pg 7/9 pg 7 / 9 4.0 - 6.0 1.5 - 4.0 32.9 17 20 1713870000 vg emc pg 9/11 pg 9 / 11 6.5 - 9.5 2.5 - 6.5 32.9 20 20 1706860000 vg emc pg 11 pg 11 6.0 - 9.0 3.5 - 7.5 39.6 24 20 1706870000 vg emc pg 13.5 pg 13.5 7.0 - 10.5 4.0 - 8.5 39.0 24 10 1706880000 vg emc pg 16 pg 16 10.0 - 14.0 8.0 - 13.0 40.5 30 10 1706890000 vg emc pg 16 pg 16 14.0 - 18.0 8.0 - 13.0 40.5 30 10 1713880000 vg emc pg 21 pg 21 14.0 - 18.0 10.0 - 15.0 40.5 35 10 1706900000 vg emc pg 21 pg 21 17.0 - 28.0 12.5 - 17.5 40.5 35 10 1713890000 vg emc pg 29 pg 29 22.0 - 26.0 15.0 - 21.0 43.5 40 5 1706910000 vg emc pg 29 pg 29 25.0 - 29.0 18.0 - 25.0 55.3 40 5 1713900000 vg emc pg 36 pg 36 32.0 - 27.0 18.0 - 25.0 55.3 40 5 1770410000 all sizes in mm l thread l l1 sw 1 sw 2 t
cable glands 55 cable glands lock nut with emc lock nut brass these lock nuts are equipped with six cutting elements, which cut into the painted insulating layer of the enclosure; thus creat- ing an optimum contact. lock nut for securing brass cable glands in accordance with din 46320 technical data material: nickel plated brass technical data material: nickel plated brass (on request stainless steel) ordering data type thread d s sw qty. cat. no. metric gland lock nut emc brass approx. skmu emc m10 m 10 x 1 3.10 1.0 12 100 1777600000 skmu emc m12 m 12 x 1.5 3.60 1.0 14 100 1777610000 skmu emc m16 m 16 x 1.5 3.60 1.0 18 100 1777620000 skmu emc m20 m 20 x 1.5 3.60 1.0 23 100 1777630000 skmu emc m25 m 25 x 1.5 3.60 1.0 28 50 1777640000 skmu emc m32 m 32 x 1.5 4.10 1.0 36 25 1777650000 skmu emc m40 m 40 x 1.5 4.60 1.0 44 25 1777660000 skmu emc m50 m 50 x 1.5 4.60 1.0 54 10 1777670000 skmu emc m63 m 63 x 1.5 6.60 1.0 70 10 1777680000 pg gland lock nut brass with emc skmu emc pg7 pg 7 4.7 1.0 15 20 1718900000 skmu emc pg9 pg 9 4.7 1.0 18 20 1718910000 skmu emc pg11 pg 11 4.7 1.0 21 20 1718920000 skmu emc pg13.5 pg 13.5 4.7 1.0 23 10 1718930000 skmu emc pg16 pg 16 4.7 1.0 26 10 1718940000 skmu emc pg21 pg 21 5.2 1.0 32 10 1718950000 skmu emc pg29 pg 29 5.7 1.0 41 5 1718960000 all sizes in mm ordering data type thread d sw qty. cat. no. metric gland lock nut brass skmu m 12-ms m 12 x 1.5 2.8 14 50 1772360000 skmu m 16-ms m 16 x 1.5 2.8 18 50 1736990000 skmu m 20-ms m 20 x 1.5 3 23 50 1737000000 skmu m 25-ms m 25 x 1.5 3 28 25 1737010000 skmu m 32-ms m 32 x 1.5 4 36 20 1737020000 skmu m 40-ms m 40 x 1.5 4.5 44 10 1737030000 skmu m 50-ms m 50 x 1.5 5 54 5 1737040000 skmu m 63-ms m 63 x 1.5 6 70 5 1737050000 skmu m 75-ms m 75 x 1.5 8 85 5 1737060000 pg gland lock nut brass skmu pg7-ms pg 7 2.8 15 50 1694070000 skmu pg9-ms pg 9 2.8 18 50 1694080000 skmu pg11-ms pg 11 3.0 21 50 1694090000 skmu pg13.5-ms pg 13.5 3.0 23 50 1694100000 skmu pg16-ms pg 16 3.0 26 25 1694110000 skmu pg21-ms pg 21 3.5 32 20 1719200000 skmu pg29-ms pg 29 4.0 41 20 1719210000 skmu pg36-ms pg 36 5.0 51 10 1719220000 skmu pg42-ms pg 42 5.0 58 10 1719230000 skmu pg48-ms pg 48 5.5 64 5 1719240000 all sizes in mm d s thread d thread
cable glands 56 lock nut plastic lock nut plastic ex lock nut for securing plastic cable glands in accordance with din 46320. lock nut for securing cable glands used in ex-areas in accordance with lcie 97atex6007x. technical data material: polyamide, glass fibre reinforced temperature: -40? ... +70? colour: similar grey ral 7035 din: 46320 technical data material: polyamide temperature: -40? ... +70? colour: similar black ral 9005 ordering data type thread d sw qty. cat. no. metric gland lock nut plastic grey skmu m12-k gr m 12 x 1.5 5 18 50 1772440000 skmu m16-k gr m 16 x 1.5 5 22 50 1772450000 skmu m20-k gr m 20 x 1.5 6 26 50 1772460000 skmu m25-k gr m 25 x 1.5 6 32 25 1772470000 skmu m32-k gr m 32 x 1.5 7 41 20 1772480000 skmu m40-k gr m 40 x 1.5 7 50 20 1772490000 skmu m50-k gr m 50 x 1.5 8 60 10 1772500000 skmu m63-k gr m 63 x 1.5 8 75 10 1772510000 pg gland lock nut plastic grey skmu pg7-k gr pg 7 5.0 19 50 1697440000 skmu pg9-k gr pg 9 5.0 22 50 1697450000 skmu pg11-k gr pg 11 5.0 24 50 1697460000 skmu pg13.5-k gr pg 13.5 6.0 27 50 1697470000 skmu pg16-k gr pg 16 6.0 30 25 1697480000 skmu pg21-k gr pg 21 7.0 36 20 1698220000 skmu pg29-k gr pg 29 7.0 46 20 1698230000 skmu pg36-k gr pg 36 8.0 60 10 1698240000 skmu pg42-k gr pg 42 8.0 65 10 1698250000 skmu pg48-k gr pg 48 8.0 70 5 1719090000 all sizes in mm ordering data type thread d sw qty. cat. no. metric gland lock nut plastic ex skmu m 16-k sw m 16 x 1.5 5.0 22 50 1736920000 skmu m 20-k sw m 20 x 1.5 6.0 26 50 1736930000 skmu m 25-k sw m 25 x 1.5 6.0 32 25 1736940000 skmu m 32-k sw m 32 x 1.5 7.0 41 20 1736950000 skmu m 40-k sw m 40 x 1.5 7.0 50 10 1736960000 skmu m 50-k sw m 50 x 1.5 8.0 60 5 1736970000 skmu m 63-k sw m 63 x 1.5 8.0 75 5 1736980000 pg gland lock nut plastic ex skmu pg7-k sw pg 7 5.0 19 50 1719100000 skmu pg9-k sw pg 9 5.0 22 50 1719110000 skmu pg11-k sw pg 11 5.0 24 50 1719120000 skmu pg13.5-k sw pg 13.5 6.0 27 50 1719130000 skmu pg16-k sw pg 16 6.0 30 25 1719140000 skmu pg21-k sw pg 21 7.0 36 20 1719150000 skmu pg29-k sw pg 29 7.0 46 20 1719160000 skmu pg36-k sw pg 36 8.0 60 10 1719170000 skmu pg42-k sw pg 42 8.0 65 10 1719180000 skmu pg48-k sw pg 48 8.0 70 5 1719190000 all sizes in mm d thread d thread t
cable glands 57 cable glands ordering data type thread d1 d2 s qty. cat. no. metric threaded sealing rings, neoprene gwdr m 16-np m 16 22 16 1.2 20 1736230000 gwdr m 20-np m 20 24 20 1.2 20 1736240000 gwdr m 25-np m 25 30 25 1.5 20 1736250000 gwdr m 32-np m 32 42 32 1.5 20 1736260000 gwdr m 40-np m 40 52 40 1.5 10 1736270000 gwdr m 50-np m 50 63 50 1.5 10 1736280000 gwdr m 63-np m 63 77 63 2 10 1736290000 pg threaded sealing rings, neoprene gwdr pg7-np pg 7 17 11.6 1.2 50 1719540000 gwdr pg9-np pg 9 21 14.0 1.2 50 1719550000 gwdr pg11-np pg 11 24 17.0 1.2 50 1719560000 gwdr pg13.5-np pg 13.5 27 19.5 1.2 50 1719570000 gwdr pg16-np pg 16 30 22.5 1.2 25 1719580000 gwdr pg21-np pg 21 35 28.3 1.5 20 1719590000 gwdr pg29-np pg 29 45 37.0 1.5 20 1719600000 gwdr pg36-np pg 36 60 47.0 1.5 10 1719610000 gwdr pg42-np pg 42 65 54.0 1.5 10 1719620000 gwdr pg48-np pg 48 71 59.3 1.5 5 1719630000 all sizes in mm threaded sealing rings to increase the protection class of cable glands in ex areas in accordance with lcie 97atex6007x. ordering data type thread d1 d2 s qty. cat. no. metric threaded sealing rings, polyethylene gwdr m12-po m 12 x 1.5 16 12 1.5 100 1777920000 gwdr m16-po m 16 x 1.5 20 16 1.5 100 1777930000 gwdr m20-po m 20 x 1.5 24 20 2.0 100 1777940000 gwdr m25-po m 25 x 1.5 29 25 2.0 100 1777950000 gwdr m32-po m 32 x 1.5 36 32 2.0 50 1777960000 gwdr m40-po m 40 x 1.5 44 40 2.0 50 1777970000 gwdr m50-po m 50 x 1.5 54 50 2.0 25 1777980000 gwdr m63-po m 63 x 1.5 67 63 2.0 10 1777990000 pg threaded sealing rings, polyethylene gwdr pg7-po pg 7 16.5 12.5 1.6 50 1719440000 gwdr pg9-po pg 9 19 15.3 1.6 50 1719450000 gwdr pg11-po pg 11 22.5 18.6 1.8 50 1719460000 gwdr pg13.5-po pg 13.5 25 20.4 1.8 50 1719470000 gwdr pg16-po pg 16 27 22.5 1.8 25 1719480000 gwdr pg21-po pg 21 33.5 28.5 2.2 20 1719490000 gwdr pg29-po pg 29 43.5 37.0 2.2 20 1719500000 gwdr pg36-po pg 36 55 47.0 2.7 10 1719510000 gwdr pg42-po pg 42 63 54.0 3.2 10 1719520000 gwdr pg48-po pg 48 69 59.3 3.2 5 1719530000 all sizes in mm threaded sealing rings to increase the protection class of cable glands. technical data material: neoprene din: 46320 technical data material: polyethylene din: 46320 d 1 d 2 s d 1 d 2 s
cable glands 58 ordering data type thread l l1 head- qty. cat. no. metric sealing plug, brass vp m16 - ms65 m 16 5.0 18 100 1777730000 vp m20 - ms65 m 20 6.5 22 100 1777740000 vp m25 - ms65 m 25 7.0 28 100 1777750000 vp m32 - ms65 m 32 8.0 35 50 1777760000 vp m40 - ms65 m 40 8.0 45 50 1777770000 vp m50 - ms65 m 50 9.0 55 25 1777780000 vp m63 - ms65 m 63 10.0 68 10 1777790000 pg sealing plug, brass vp 7-ms65 pg 7 8 5 16 50 0521600000 vp 9-ms65 pg 9 7.9 4.5 19 50 0294700000 vp 11-ms65 pg 11 7.9 4.5 22 50 0294800000 vp 13.5-k65 pg 13.5 9.5 6 24 50 0294900000 vp 16-ms65 pg 16 9 6 26 25 0295000000 vp 21-ms65 pg 21 10 6 32 20 0295100000 vp 29-ms65 pg 29 12 8 39 20 0501100000 vp 36-ms65 pg 36 15 9 50 10 0501200000 vp 42-ms65 pg 42 16 10 57 10 0501300000 vp 48-ms65 pg 48 16 10 64 5 1719270000 all sizes in mm sealing plug, brass technical data material: nickel plated brass sealing: o-ring perbunan temperature: -40? ... +100? protection class: ip65 ordering data type thread l l1 head qty. cat. no. metric sealing plug, plastic vp m12-k54 m12 x 1.5 10.0 6 15 100 1776930000 vp m16-k54 m16 x 1.5 11.5 7 19 100 1776920000 vp m20-k54 m20 x 1.5 12.5 7.5 22 100 1776910000 vp m25-k54 m25 x 1.5 15.0 11 27 100 1776900000 vp m32-k54 m32 x 1.5 16.0 11 34 100 1776940000 vp m40-k54 m40 x 1.5 18.0 12 42 50 1776950000 vp m50-k54 m50 x 1.5 20.0 13 52 50 1776960000 vp m63-k54 m63 x 1.5 20.0 14 65 50 1776970000 pg sealing plug, plastic vp 7-k54 pg 7 8 6 15 50 1719250000 vp 9-k54 pg 9 9 6 19 50 0294760000 vp 11-k54 pg 11 10.5 6.5 22 50 0294860000 vp 13.5-k54 pg 13.5 9.5 6 25 50 0294960000 vp 16-k54 pg 16 9.5 6 27 25 0295060000 vp 21-k54 pg 21 11 8 33 20 0295160000 vp 29-k54 pg 29 12 8 44 20 0501160000 vp 36-k54 pg 36 15 10 55 10 0501260000 vp 42-k54 pg 42 16 10 62 10 0501360000 vp 48-k54 pg 48 16 12 69 5 1719260000 all sizes in mm sealing plug, plastic technical data material: polyamide, glass fibre reinforced temperature: -40? ... +100? protection class: ip54 (with thread sealing ring type gwdr ...-po = ip66) colour: similar grey ral 7035 din: 46320 self-sealing version with o-ring made of perbunan. also available with a hexagon head. glass-fibre reinforced polyamide offers excellent resistance to numerous chemicals. l l1 thread l l1 thread
cable glands 59 cable glands technical data material: polyamide temperature: -40? ... +100? protection class: ip54 (with thread sealing ring type gwdr ...-po = ip66) atex granted colour: similar black ral 9005 sealing plug plastic eexe sealing plug brass eexe / eexd technical data material: nickel plated brass temperature: -40? ... +100? protection class: ip54 (with thread sealing ring type gwdr ...-np = ip66) atex granted sealing plugs for ex areas in accordance with lcie 97atex6003x. also available with metric iso thread hexagon head version for ex-areas (eexe ii). approvals in accordance with lcie 98atex0001x. also available with metric iso thread. ordering data type thread l l1 sw qty. cat. no. metric sealing plug, plastic eexe vp m 16-exe sw m 16 x 1.5 19 15 19 50 1737070000 vp m 20-exe sw m 20 x 1.5 19 15 23 50 1737080000 vp m 25-exe sw m 25 x 1.5 20 15 28 25 1737090000 vp m 32-exe sw m 32 x 1.5 20.5 15 36 20 1737100000 vp m 40-exe sw m 40 x 1.5 20.5 15 44 10 1737110000 vp m 50-exe sw m 50 x 1.5 21 15 54 5 1737120000 vp m 63-exe sw m 63 x 1.5 21.5 15 67 5 1737130000 pg sealing plug, plastic eexe vp 7-exe sw pg 7 12 8 15 50 1719280000 vp 9-exe sw pg 9 14.5 10 19 50 1719290000 vp 11-exe sw pg 11 15 10.5 22 50 1569380000 vp 13.5-exe sw pg 13.5 16 11 24 50 1569390000 vp 16-exe sw pg 16 17 12 27 25 1569400000 vp 21-exe sw pg 21 18 12.5 32 20 1569410000 vp 29-exe sw pg 29 19 13.5 40 20 1719300000 vp 36-exe sw pg 36 21 15 54 10 1719310000 vp 42-exe sw pg 42 21.5 15 59 10 1719320000 vp 48-exe sw pg 48 22 15.5 64 5 1719330000 all sizes in mm ordering data type thread l l1 sw qty. cat. no. metric sealing plug, brass eexe vp m 16-exe sw m 16 x 1.5 18 15 18 50 1737140000 vp m 20-exe sw m 20 x 1.5 18 15 23 50 1737150000 vp m 25-exe sw m 25 x 1.5 18.5 15 28 25 1737160000 vp m 32-exe sw m 32 x 1.5 19 15 36 20 1737170000 vp m 40-exe sw m 40 x 1.5 19 15 44 10 1737180000 vp m 50-exe sw m 50 x 1.5 21 16 54 5 1737190000 vp m 63-exe sw m 63 x 1.5 24 17 67 5 1737200000 pg sealing plug, brass eexe vp 7-exe ms pg 7 18 15 15 50 1719340000 vp 9-exe ms pg 9 18 15 18 50 1719350000 vp 11-exe ms pg 11 18 15 21 50 1719360000 vp 13.5-exe ms pg 13.5 18 15 23 50 1719370000 vp 16-exe ms pg 16 18 15 26 25 1719380000 vp 21-exe ms pg 21 18 15 32 20 1719390000 vp 29-exe ms pg 29 19 15 41 20 1719400000 vp 36-exe ms pg 36 20 15 51 10 1719410000 vp 42-exe ms pg 42 20 15 58 10 1719420000 vp 48-exe ms pg 48 20.5 15 64 5 1719430000 all sizes in mm l1 thread l1 thread t t
cable glands 60 adaptors male thread 3 npt 2 1/2 ?npt 2?npt 1 1/2 ?npt 1 1/4 ?npt 1?npt 3/4 ?npt 1/2 ?npt m 75 m 63 m 50 m 40 m 32 m 25 m 20 m 16 female thread m 16 1 737420000 1737430000 1737440000 1737450000 1737460000 1737470000 1737480000 1737490000 1737500000 1737510000 1737520000 1737530000 1737540 000 1737550000 1737560000 1737570000 m 20 1 737580000 1737590000 1737600000 1737610000 1737620000 1737630000 1737640000 1737650000 1737660000 1737670000 1737680000 1737690000 1737700 000 1737710000 1737720000 1737730000 m 25 1 737740000 1737750000 1737760000 1737770000 1737780000 1737790000 1737800000 1737810000 1737820000 1737830000 1737840000 1737850000 1737860 000 1737870000 1737880000 m 32 1 737890000 1737900000 1737910000 1737920000 1737930000 1737940000 1737950000 1737960000 1737970000 1737980000 1737990000 1738000000 1738010 000 m 40 1 738020000 1738030000 1738040000 1738050000 1738060000 1738070000 1738080000 1738090000 1738100000 1738110000 1738120000 m 50 1 738130000 1738140000 1738150000 1738160000 1738170000 1738180000 1738190000 1738200000 1738210000 m 63 1 738220000 1738230000 1738240000 1738250000 1738260000 1738270000 1738280000 m 75 1 738290000 1738300000 1738310000 1738320000 1738330000 1/2 ?npt 1 738340000 1738350000 1738360000 1738370000 1738380000 1738390000 1738400000 1738410000 1738420000 1738430000 1738440000 1738450000 1738460 000 1738470000 1738480000 1738490000 3/4 ?npt 1 738500000 1738510000 1738520000 1738530000 1738540000 1738550000 1738560000 1738570000 1738580000 1738590000 1738600000 1738610000 1738620 000 1738630000 1738640000 1?npt 1 738650000 1738660000 1738670000 1738680000 1738690000 1738700000 1738710000 1738720000 1738730000 1738740000 1738750000 1738760000 1 1/4 ?npt 1 738770000 1738780000 1738790000 1738800000 1738810000 1738820000 1738830000 1738840000 1738850000 1738860000 1738870000 1 1/2 ?npt 1 738880000 1738890000 1738900000 1738910000 1738920000 1738930000 1738940000 1738950000 1738960000 2?npt 1 738970000 1738980000 1738990000 1739000000 1739010000 1739020000 1739030000 2 1/2 ?npt 1 739040000 1739050000 1739060000 1739070000 1739080000 3 npt 1 739090000 1739100000 1 739110000 t technical data material: nickel plated brass temperature: -40? ... +100? protection class: ip54 (with thread sealing ring type gwdr ...-np = ip66) approval: in accordance with lcie 97atex6001x metric pg adaptors, available soon. please contact us
cable glands 61 cable glands thread technical data material: polyethylene temperature: -20? ... +70? protection class: ip 54 colour: similar grey ral 7035 closed version which can be can also be used as as a simple sealing plug ordering data type thread l1 qty. cat. no. pg seal stopper dn pg9 pg 9 9.5 50 1719640000 dn pg11 pg 11 10 50 1719650000 dn pg13.5 pg 13.5 12 50 1719660000 dn pg16 pg 16 12 25 1719670000 dn pg21 pg 21 14 20 1719680000 dn pg29 pg 29 16 20 1719690000 dn pg36 pg 36 19 10 1719700000 dn pg42 pg 42 23 10 1719710000 dn pg48 pg 48 24 5 1719720000 all sizes in mm stopper l1 seal stopper in order to improve conductivity, the earthing washer is inserted into the cable gland when using lead-sheathed cables. please refer to the mounting instructions. technical data material: brass ordering data type cable d l qty. cat. no. ea vs no. 6 6.0 - 11.0 13.9 4 20 1736370000 ea vs no. 7 9.0 - 15.0 18.3 4.8 20 1736380000 ea vs no. 8 12.0 - 20.0 23.8 5.7 20 1736390000 ea vs no. 9 18.0 - 26.5 31 7.2 20 1736400000 ea vs no. 10 21.0 - 32.5 38.3 8.2 20 1736410000 ea vs no. 11 28.0 - 39.5 45.3 8.8 20 1736420000 ea vs no. 12 33.0 - 46.5 52.8 9.5 20 1736430000 ea vs no. 13 40.0 - 54.5 60.8 10.1 10 1736440000 ea vs no. 14 46.5 - 61.0 71 11.4 10 1736450000 ea vs no. 15 54.0 - 72.5 60.5 12.6 10 1736460000 ea vs no. 16 63.0 - 81.5 89.5 12.6 5 1736470000 all sizes in mm mounting instructions accessories earthing washer, brass for lead-sheathed cables
cable glands 62 technical data material: pvc temperature: -40 ? - 100 ? colour: black the protective cap is simply slid or pulled over the cable gland. the use of protective caps achieves are more effective sealing of the cable glands via the exterior cable sheath. this method of sealing protects cable glands in corrosive atmo- spheres. ordering data type cable d l l1 qty. cat. no. protection cap no. 4 6.0 - 12.0 20 90 42 20 1736560000 protection cap no. 5 6.0 - 12.0 20 90 42 20 1736570000 protection cap no. 6 8.5 - 16.0 25 110 50 20 1736580000 protection cap no. 7 10.0 - 21.0 31 110 50 20 1736590000 protection cap no. 8 16.0 - 27.5 43 125 60 20 1736600000 protection cap no. 9 21.0 - 34.0 50 135 70 20 1736610000 protection cap no. 10 27.0 - 41.0 57 150 75 20 1736620000 protection cap no. 11 33.0 - 48.0 67 165 80 10 1736630000 protection cap no. 12 40.0 - 56.0 75 170 82 10 1736640000 protection cap no. 13 47.0 - 65.0 89 190 97 10 1736650000 protection cap no. 14 54.0 - 74.0 100 205 105 5 1736660000 protection cap no. 15 63.0 - 83.0 115 245 120 5 1736670000 protection cap no. 16 72.0 - 93.0 125 245 120 5 1736680000 all sizes in mm technical data material: steel, nickel plated ordering data type thread d1 d2 s qty. cat. no. metric safety washers szs m 16 m 16 10 1736300000 szs m 20 m 20 32.8 21.5 1.5 10 1736310000 szs m 25 m 25 39.8 26.5 1.9 10 1736320000 szs m 32 m 32 49.3 32.8 1.5 10 1736330000 szs m 40 m 40 64.5 42.2 1.8 5 1736340000 szs m 50 m 50 80 53 1.8 5 1736350000 szs m 63 m 63 100 64 1.9 5 1736360000 all sizes in mm d1 d2 s accessories serated lock washer protecting cap (shroud)
cable glands 63 cable glands technical data material: nickel plated brass the earthing ring is slid over the entry thread. an improved con- nection between the enclosure and earth or other conductive components is created by the use of earthing rings. ordering data type thread a b c d e qty. cat. no. metric safety washers, brass ea-ring ms/m 16 m 16 48.75 30 6.75 24.50 13 20 1736480000 ea-ring ms/m 20 m 20 53.80 33 7 28.60 13 20 1736490000 ea-ring ms/m 25 m 20 61.50 36 10.50 34 17 20 1736500000 ea-ring ms/m 32 m 32 73 41 12.20 42 22 20 1736510000 ea-ring ms/m 40 m 40 86.50 44.50 13.50 54 30 10 1736520000 ea-ring ms/m 50 m 50 111.50 58 13.50 67 40 10 1736530000 ea-ring ms/m 63 m 63 125.50 67 13.50 77 40 10 1736540000 ea-ring ms/m 75 m 75 137.50 73 13.50 89 40 10 1736550000 all sizes in mm accessories earthing ring, brass technical data operating temperature - 40? to + 100? protection class ip 69 k material pbt- gf 20 colour similar to grey ral 7038 / black ral 9005 connection thread pg7 osmotic potential of membrane > 0.6 bar (membrane side) air flow rate, at 70 mbar. 12i /h membrane characteristics water and oil resistant weathering behaviour no or very slight yellowing (xenotest 3.600 h) and alteration of the surface no significant alteration to the mechanical characteristics ordering data type thread qty. cat. no. dae pg 7 grey pg7 10 1753530000 dae m 12 black m12 10 1806480000 enclosures for electrical and electronic modules are used in envi- ronments with harsh climate changes. temperature fluctuations can lead to considerable pressure fluctuations within a liquid- tight container. if negative pressure levels resulting from temper- ature fluctuations are sufficient, moist air will penetrate in to the enclosure to compensate the pressure. after a number of tem- perature fluctuation cycles, condensation can form in the enclo- sure if ventilation via the seal is inadequate. our gore-tex pressure compensation element, dae pg , protects electrical and electronic components against failure: the enclosure can "breathe" even though according to ip standards it is liquid-tight. pressure compensating elements
cable glands 64 technical data material: polyamide temperature: -20? ... +70? protection class: ip 65 colour: similar black ral 9005 we recommend the the use of ews drain stoppers to prevent the building up of condensation water within enclosures, and also to guarantee sufficient ventilation. pg 16 23 5 ordering data type thread qty. cat. no. ews pg16 pg 16 25 1719730000 ews m 25x1.5 m 25 x 1.5 25 1719740000 drain stopper t technical data material: k?rper bd 1 blank brass or stainless steel 1.4404 bd 2 blank brass or stainless steel 1.4404 dlp blank brass or stainless steel 1.4404 filter bd 1 sinter nickel - chrom insert bd 2 sinter nickel - chrom insert dlp sinter nickel - chrom insert sealing bd 1 nylon seal bd 2 nitril o-ring dlp nitril o-ring mounting: bd 1 direct mounting in available m 16 x 1.5 connection thread or with lock nut in 16-mm round hole bd 2 flanged fixing made with fourm 4 hexagon head screws washer and self locking lock nut dlp direct mounting in available m 20 x 1.5 connection thread or with lock nut in 20 mm round hole protection bd 1 ip 54 in accordance with iec 529 class: bd 2 ip 54 in accordance with iec 529 dlp ip 66 approvals: bd 1 eex e ii i.a.w. en 50019 components certification 86b3174u bd 2 eex e ii i.a.w. en 50019 components certification 86b3174u dlp eex e ii i.a.w. sira99atex3050u ordering data type material qty. cat. no. bd 1 brass 1 3883400000 bd 1 stainless steel 1 3883500000 bd 2 brass 1 3884300000 bd 2 stainless steel 1 3884400000 dlp brass 1 3080760000 dlp stainless steel 1 3080770000 breather drains t bd 1 bd 2 dlp 99atex3050u
65 cable glands


▲Up To Search▲   

 
Price & Availability of 1778830000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X